Part Number Hot Search : 
STEVA SDR9510 25A00 MCM6946 24VDC 0K600E 154809 FQU12N20
Product Description
Full Text Search
 

To Download SRF10200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s r f 1 0 2 0 t h r u s r f 1 0 2 0 0 ( s i n g l e c h i p ) schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 10.0amperes notes : 1.pulse test: 300 s pulse width,1% duty cycle 2.thermal resistance from junction to case features mechanical data maximum ratings and electrical characteristics case : jedec ito -220a c molded plastic body t erminals : l ead solderable per mil -std -750,method 2026 p olarity : as mark ed mounting p osition : any w eight : 0.08ounce, 2.24 gram (r atings at 25 c ambient temperature unless other wise specified ,single phase ,half wave ,resistive or inductive load. f or capacitive load,derate by 20%.) dimensions in inches and (millimeters) plastic pack age has under writers l aborator y flammability classification 94v -0 metal silicon junction ,majority carrier conduction guard ring for over voltage protection l ow power loss ,high efficiency high current capability ,l ow for ward voltage drop single rectifier construction high surge capability f or use in low voltage ,high frequency inver ters, free wheeling ,and polarity protection applications high temperature soldering guaranteed:260 c/10 seconds, 0.25"(6.35mm)from case component in accordance to r ohs 2002 / 95 / ec and weee 2002 / 96 / ec maximum repetitive peak reverse voltage v rrm v olts v olts v olts v olts m a a mps a mps v rms v dc i (a v) i f sm t stg v f i r r jc maximum rms voltage maximum dc blocking voltage maximum average for ward rectified current (see f ig.1) maximum instantaneous for ward voltage at 10.0 a(note 1 ) t =25 c t =125 c a a t ypical thermal resistance (note 2) operating junction temperature range storage temperature range maximum instantaneous reverse current at rated dc blocking voltage(note 1) p eak for ward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) -65 to+150 -65 to+150 2.5 0.2 15 50 c/w c c t j 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 10.0 150.0 symbols units srf 1020 srf 1030 srf 1040 srf 1050 srf 1060 srf 1080 srf 10100 srf 10200 srf 10150 150 105 200 140 150 200 0 . 60 0.75 0.85 0.95 0.90 it o-220ac 0.177(4.50) 0.208(5.28) 0.029(0.73) 0.111(2.83) 0.140(3.55) 0.610(15.50) 0.136(3.45) 0.187(4.75) 0.272(6.90) 0.551(14.00) 0.029(0.73) 0.138(3.50) 0.192(4.88) 0.019(0.47) 0.101(2.57) 0.128(3.25) dia 0.571(14.50) 0.102(2.60) 0.167(4.25) 0.256(6.50) 0.496(12.60) 0.019(0.47) pin 0.388(9.85) 1 2 0.130(3.31) 0.11 0(2. 81) 0 . 4 1 0 ( 1 0 . 4 2 ) 0.056(1.43) 0.043(1.10) 1.161(29.50) 1.083(27.50) xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 1
2 0.01 0.001 0.01 1 0.1 10 20 0.1 1 25 50 75 100 125 150 175 50 10 0 20 0 40 60 80 100 0.1 1 10 100 0.2 0.1 0.4 0.5 0.3 0.6 0.8 0.9 0.7 1.0 1.1 1.2 0 20 40 60 80 100 120 150 0 2 4 6 8 10 12 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) inst ant aneous forw ard vol t age (vol ts) reverse vol t age. vol ts t , pulse dura tion ,sec. percent of ra ted peak reverse vol t age% number of cycles a t 60hz lead tempera ture ( c) t j =25 c pulse width=300 s 1% duty cycle t j =25 c resistive or inductve l oad 1 10 0.1 0.1 0.1 0.01 1 1 10 10 100 100 100 4000 1000 100 fig.5-typical junction capacitance fig.6-typical transient thermal impedance j u n c t i o n c a p a c i t a n c e ( p f ) t r a n s i e n t t h e r m a l i m p e d a n c e , c / w t j =25 c f=1.0mh z vsig=50mvp-p srf1050-srf10200 srf1020-srf1040 srf1050-srf10200 srf1020-srf1040 srf1050-srf10200 srf1020-srf1040 t j =75 c t j =125 c t j =125 c s r f 1 0 2 0 t h r u s r f 1 0 2 0 0 ( s i n g l e c h i p ) schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 10.0amperes xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017


▲Up To Search▲   

 
Price & Availability of SRF10200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X